| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S71PL129JC0BAI9P2 bảng dữ liệu(PDF) 77 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71PL129JC0BAI9P2 bảng dữ liệu(HTML) 77 Page - SPANSION |
|
77 / 149 page ![]() June 4, 2004 S29PL129J_MCP_00_A0 S29PL129J for MCP 77 Advance Informatio n Notes: 1. Figure indicates last two bus cycles of a program or erase operation. 2. PA = program address, SA = sector address, PD = program data. 3. DQ7# is the complement of the data written to the device. DOUT is the data written to the device 4. S29PL129J - During CE1# transitions, CE2# = VIH; During CE2# transitions, CE1# = VIH 5. S29PL129J - There are two CE# (CE1#, CE2#). In the above waveform CE# = CE1# or CE2# Table 23. Alternate CE# Controlled Write (Erase/Program) Operation Timings Table 24. CE1#/CE2# Timing Parameter Description All Speed Options Unit JEDEC Std tCCR CE1#/CE2# Recover Time Min 30 ns tGHEL tWS OE# CE# WE# RESET# tDS Data tAH Addresses tDH tCP DQ7# DOUT tWC tAS tCPH PA Data# Polling A0 for program 55 for erase tRH tWHWH1 or 2 RY/BY# tWH PD for program 30 for sector erase 10 for chip erase 555 for program 2AA for erase PA for program SA for sector erase 555 for chip erase tBUSY |