| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS91719 bảng dữ liệu(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS91719 bảng dữ liệu(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 10 page ![]() 8 ICS91719 0506D—08/16/04 Absolute Maximum Ratings Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.3 V Voltage on any pin with respect to GND . . . -0.5 to +7.0 V Storage Temperature . . . . . . . . . . . . . . . . . . . . –55°C to +125°C Operating Temperature . . . . . . . . . . . . . . . . . . 0°C to +85°C Ambient Operating Temperature under Bias . -55 to +125 °C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 0.5 W Electrical C haracteristics - Input/Supply/C ommon Output Parameters TA = 0 - 85°C; Supply Voltage VDD = 3.3 V +/-5% PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Input High Voltage VIH 2VDD + 0.3 V Input Low Voltage VIL VSS - 0.3 0.8 V Input High Current IIH VIN = VDD -5 5 mA Input Low Current IIL1 VIN = 0 V; Inputs with no pull-up resistors -5 mA Powerdown Current IDD3.3PD 35 mA Input Frequency Fi VDD = 3.3 V 14.318 MHz Input Crystal Frequency FCYI 14.318 Typ + 10% MHz Input Clock Frequency FCLKI 80 MHz Pin Inductance Lpin 7nH Input Capacitance 1 CIN Logic Inputs 5 pF COUT Output pin capacitance 6 pF CINX X1 & X2 pins 27 36 45 pF Transition time 1 Ttrans To 1st crossing of target frequency 3ms Settling tim e 1 Ts From 1st crossing to 1% target frequency 3ms Clk Stabilization 1 TSTAB From VDD = 3.3 V to 1% target frequency 1 3 ms Delay 1 tPZH,tPZL Output enable delay (all outputs) 1 10 ns 1Guaranteed by design, not 100% tested in production. |