| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
252PMLF bảng dữ liệu(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
252PMLF bảng dữ liệu(HTML) 7 Page - Integrated Device Technology |
|
7 / 10 page ![]() ICS252 FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT® FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 7 ICS252 REV K 030212 Marking Diagram Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “I” denotes industrial temperature range (if applicable). 4. “L” denotes RoHS compliant package. 5. Bottom marking: country of origin. 252PML ###### YYWW 14 5 8 252PMIL ###### YYWW 14 5 8 |