| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM6528ACDXEAF bảng dữ liệu(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6528ACDXEAF bảng dữ liệu(HTML) 87 Page - Texas Instruments |
|
87 / 299 page ![]() 87 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-52. PRU-ICSSG0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG0_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AD28 PRG0_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AB25 PRG0_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AB27 PRG0_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AA25 PRG0_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AC24 PRG0_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AB24 PRG0_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I V24 PRG0_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I W25 PRG0_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I W24 PRG0_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AA27 PRG0_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AD27 PRG0_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AC26 PRG0_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AD26 PRG0_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AA24 PRG0_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AB28 PRG0_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AC28 PRG0_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AC27 PRG0_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AB26 PRG0_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AC25 PRG0_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AD25 PRG0_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AD24 PRG0_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AE27 PRG0_UART0_CTSn PRU-ICSSG UART Clear to Send (active low) I V26 PRG0_UART0_RTSn PRU-ICSSG UART Request to Send (active low) O U25 PRG0_UART0_RXD PRU-ICSSG UART Receive Data I Y28 PRG0_UART0_TXD PRU-ICSSG UART Transmit Data O AA28 Table 4-53. PRU-ICSSG1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_ECAP0_IN_APWM_OUT PRU-ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AC21 PRG1_ECAP0_SYNC_IN PRU-ICSSG ECAP Sync Input I AD22 PRG1_ECAP0_SYNC_OUT PRU-ICSSG ECAP Sync Output O AE23 PRG1_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O AF13 PRG1_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AG25 PRG1_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AG27 PRG1_IEP0_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AG26 PRG1_IEP0_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AH26 PRG1_IEP0_EDIO_DATA_IN_OUT28 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO AF26 PRG1_IEP0_EDIO_DATA_IN_OUT29 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO AH25 PRG1_IEP0_EDIO_DATA_IN_OUT30 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO AF25 |