| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6528 bảng dữ liệu(PDF) 96 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528 bảng dữ liệu(HTML) 96 Page - Texas Instruments |
|
96 / 299 page ![]() 96 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated 4.3.23.2 MCU Domain Table 4-60. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_UART0_CTSn UART Clear to Send (active low) I P1 MCU_UART0_RTSn UART Request to Send (active low) O N3 MCU_UART0_RXD UART Receive Data I P4 MCU_UART0_TXD UART Transmit Data O P5 4.3.23.3 WKUP Domain Table 4-61. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_UART0_CTSn UART Clear to Send (active low) I AC2 WKUP_UART0_RTSn UART Request to Send (active low) O AC1 WKUP_UART0_RXD UART Receive Data I AB1 WKUP_UART0_TXD UART Transmit Data O AB5 4.3.24 USB 4.3.24.1 MAIN Domain Table 4-62. USB0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] USB0_DM USB 2.0 Differential Data (negative) IO AE2 USB0_DP USB 2.0 Differential Data (positive) IO AF1 USB0_DRVVBUS USB VBUS control output (active high) O AD9 USB0_ID USB 2.0 Dual-Role Device Role Select A AF7 USB0_VBUS(1) USB Level-shifted VBUS Input A AE7 (1) An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 7.4, USB Design Guidelines. |