| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBM29PL64LM10 bảng dữ liệu(PDF) 67 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM10 bảng dữ liệu(HTML) 67 Page - SPANSION |
|
67 / 69 page ![]() MBM29PL64LM90/10 66 (Continued) 56-pin plastic TSOP(1) (FPT-56P-M01) Note 1) *1 : Resn protrusion. (Each side : +0.15 (.006) Max). Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder. Dimensions in mm (inches) Note : The values in parentheses are reference values. C 2002 FUJITSU LIMITED F56001S-c-4-5 18.40±0.10(.724±.004) 20.00±0.20(.787±.008) 14.00±0.10 M 0.10(.004) 0.10±0.05 (.004±.002) 1 28 56 29 0.08(.003) (.551±.004) (Stand off) LEAD No. Details of "A" part 0.60±0.15 (.024±.006) 0˚~8˚ .007±.001 0.17±0.03 0.22±0.05 (.009±.002) (Mounting height) INDEX "A" .043 –.002 +.004 –0.05 +0.10 1.10 0.50(.020) 0.25(.010) *1 *2 |