công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4360-2BCPZ bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện ADF4360-2BCPZ
Giải thích chi tiết về linh kiện  Integrated Synthesizer and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2BCPZ bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button ADF4360-2BCPZ Datasheet HTML 16Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 17Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 18Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 19Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 20Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 21Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 22Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 23Page - Analog Devices ADF4360-2BCPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADF4360-2
Rev. D | Page 21 of 24
FIXED FREQUENCY LO
Figure 18 shows the ADF4360-2 used as a fixed frequency LO at
2.0 GHz. The low-pass filter was designed using ADIsimPLL
for a channel spacing of 8 MHz and an open-loop bandwidth of
40 kHz. The maximum PFD frequency of the ADF4360-2 is
8 MHz. Because using a larger PFD frequency allows the use of a
smaller N, the in-band phase noise is reduced to as low as
possible, –99 dBc/Hz. The 40 kHz bandwidth is chosen to be just
greater than the point at which the open-loop phase noise of the
VCO is –99 dBc/Hz, thus giving the best possible integrated
noise. The typical rms phase noise (100 Hz to 100 kHz) of the LO
in this configuration is 0.3°. The reference frequency is from a
16 MHz TCXO from Fox; thus, an R value of 2 is programmed.
Taking into account the high PFD frequency and its effect on the
band select logic, the band select clock divider is enabled. In this
case, a value of 8 is chosen. A very simple pull-up resistor and dc
blocking capacitor complete the RF output stage.
ADF4360-2
VVCO
VVCO
FOX
801BE-160
16MHz
VVCO
CPGND
AGND
DGND RFOUTB
RFOUTA
CP
1nF
3.3nF
18.0nF
51Ω
51Ω
51Ω
100pF
100pF
1nF
1nF
10µF
4.7kΩ
560Ω
RSET
CC
LE
DATA
CLK
REFIN
CN
VTUNE
DVDD AVDD CE MUXOUT
5
4
24
7
20
23
2
21
6
14
16
17
18
19
13
1
3
8
9
10 11 22
15
12
VVDD
LOCK
DETECT
Figure 18. Fixed Frequency LO
INTERFACING
The ADF4360-2 has a simple SPI®-compatible serial interface
for writing to the device. CLK, DATA, and LE control the data
transfer. When LE goes high, the 24 bits that are clocked into
the appropriate register on each rising edge of CLK are
transferred to the appropriate latch. See Figure 2 for the timing
diagram and Table 5 for the latch truth table.
The maximum allowable serial clock rate is 20 MHz. This
means that the maximum update rate possible is 833 kHz or
one update every 1.2 μs. This is certainly more than adequate
for systems that have typical lock times in hundreds of
microseconds.
ADuC812 Interface
Figure 19 shows the interface between the ADF4360-2 and the
ADuC812 MicroConverter®. Because the ADuC812 is based on
an 8051 core, this interface can be used with any 8051-based
microcontroller. The MicroConverter is set up for SPI master
mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Each latch of the ADF4360-2 needs a
24-bit word, which is accomplished by writing three 8-bit bytes
from the MicroConverter to the device. When the third byte is
written, the LE input should be brought high to complete the
transfer.
ADuC812
ADF4360-2
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
I/O PORTS
Figure 19. ADuC812 to ADF4360-2 Interface
I/O port lines on the ADuC812 are also used to control power
down (CE input) and detect lock (MUXOUT configured as lock
detect and polled by the port input). When operating in the
described mode, the maximum SCLOCK rate of the ADuC812
is 4 MHz. This means that the maximum rate at which the
output frequency can be changed is 166 kHz.
ADSP-2181 Interface
Figure 20 shows the interface between the ADF4360-2 and the
ADSP-2181 digital signal processor. The ADF4360-2 needs a
24-bit serial word for each latch write. The easiest way to
accomplish this using the ADSP-2181 is to use the autobuffered
transmit mode of operation with alternate framing. This provides
a means for transmitting an entire block of serial data before an
interrupt is generated.
ADSP-2181
TFS
I/O PORTS
ADF4360-2
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
Figure 20. ADSP-2181 to ADF4360-2 Interface
Set up the word length for 8 bits and use three memory
locations for each 24-bit word. To program each 24-bit latch,
store the 8-bit bytes, enable the autobuffered mode, and write to
the transmit register of the DSP. This last operation initiates the
autobuffer transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com