| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ULC6001G-S08-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ULC6001G-S08-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() ULC6001 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R125-070.a ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT VMAX 8 V Voltage VMIN-MAX -0.3 ~ VDD+0.3 V TMIN-MAX -20 ~ +85 °C Temperature TSTORAGE -40 ~ +165 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage Range VDD 3.0 6.5 V CS Feedback Voltage VCS 260 mV FB Feedback Voltage VFB 260 mV Quiescent Current IDD 0.5 1 mA OFF TIME TOFF0 TOFF Connect with nothing 700 ns Shutdown Current IDDQ 1 uA Enable Threshold H VENH 2.0 V Enable Threshold L VENL 0.7 V DRV Rise Time TRISE by 500pF capacitor 25 ns DRV Fall Time TFALL by 500pF capacitor 25 ns |