| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAM8007DHR bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PAM8007DHR bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 17 page ![]() PAM8007 Document number: DSxxxxx Rev. 1 - 2 2 of 17 www.diodes.com October 2012 © Diodes Incorporated PAM8007 A Product Line of Diodes Incorporated Typical Applications Circuit Pin Descriptions Pin Number Pin Name Function 1 -OUT_L Left Channel Negative Output 2 PGNDL Left Channel Power GND 3 PGNDL Left Channel Power GND 4 +OUT_L Left Channel Positive Output 5 PVDDL Left Channel Power Supply 6 MUTE Mute Control Input (active low) 7 VDD Analog VDD 8 INL Left Channel Input 9 EAR INL Left Earphone Input 10 VDC Analog Reference for Gain Control Section 11 VOLUME DC Volume Control to Set the Gain of Class-D 12 EAR OUT L Left Earphone Output(Non-Inverting) 13 EAR OUT R Right Earphone Output(Non-Inverting) 14 VREF Internal Analog Reference, connect a bypass capacitor from VREF to GND 15 LINE/EAR Line / Earphone Switch. Speaker Output (active low), Earphone Output (active high) 16 EAR LN R Right Earphone Input 17 INR Right Channel Input 18 GND Analog GND 19 SHDN Shutdown Control Input (active low) 20 PVDDR Right Channel Power Supply 21 +OUT_R Right Channel Positive Output 22 PGNDR Right Channel Power GND 23 PGNDR Right Channel Power GND 24 -OUT_R Right Channel Negative Output |