| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V680-HS63-R-2M bảng dữ liệu(PDF) 23 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-2M bảng dữ liệu(HTML) 23 Page - Omron Electronics LLC |
|
23 / 59 page ![]() 23 V680 Series Bolt RF Tag (1-kbyte or 2-kbyte Memory) Communication * Mounting can be performed in metal, but the communications distance will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680-D1KP52M-BT01/ -BT11 V680-HS51 Read distance 0.5 to 2.5 (axis offset ±2) Write distance 0.5 to 2.0 (axis offset ±2) V680-HS52 Read distance 0.5 to 3.0 (axis offset ±2) Write distance 0.5 to 2.5 (axis offset ±2) V680-D2KF52M-BT01/ -BT11 V680-HS51 Read distance 0.5 to 2.5 (axis offset ±2) Write distance 0.5 to 2.5 (axis offset ±2) V680-HS52 Read distance 0.5 to 2.0 (axis offset ±2) Write distance 0.5 to 2.0 (axis offset ±2) V680-D1KP52M-BT01/-BT11 Metallic V680-HS51 Metallic/Non-metallic V680-D1KP52M-BT01/-BT11 V680-HS52 Non-Metallic Metallic/Non-metallic * V680-D2KF52M-BT01/-BT11 V680-HS51 Metallic Metallic/Non-metallic V680-D2KF52M-BT01/-BT11 V680-HS52 Non-Metallic Metallic/Non-metallic * |