| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CM312 bảng dữ liệu(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM312 bảng dữ liệu(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 56 page ![]() CM312 Quad Serial utilityModule 8 RTD Embedded Technologies, Inc. Table 3 Base address table for COM ports COM port addresses –base address in Hex for eight 8-bit registers SW1-4 SW-3 SW-2 SW-1 CN3 CN4 CN5 CN6 Down Down Down Down 3E8 2E8 280 288 Down Down Down Up 280 288 290 298 Down Down Up Down 290 298 2A0 2A8 Down Down Up Up 2A0 2A8 2B0 2B8 Down Up Down Down 100 108 110 118 Down Up Down Up 120 128 130 138 Down Up Up Down 140 148 150 158 Down Up Up Up 160 168 170 178 Up Down Down Down 100 108 500 508 Up Down Down Up 120 128 520 528 Up Down Up Down 280 288 680 688 Up Down Up Up 290 298 690 698 Up Up Down Down 2A0 2A8 6A0 6A8 Up Up Down Up 2B0 2B8 6B0 6B8 Up Up Up Down 3E8 2E8 7E8 6E8 Up Up Up Up 3F8 2F8 3E8 2E8 Ethernet EEPROM Configuration The most important configuration options for the Ethernet section are set using the configuration program CM312SET.EXE, and then stored in a configuration EEPROM. CM312SET is used to select: • I/O Address • Hardware interrupt number • Media Type • Remote Boot • NE2000/1000 Compatibility Mode |