| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RC-2MTS-18 bảng dữ liệu(PDF) 5 Page - Mini-Circuits |
|
|
|||||||||||||||||||||||||||||
RC-2MTS-18 bảng dữ liệu(HTML) 5 Page - Mini-Circuits |
|
5 / 8 page ![]() Page 5 of 8 Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com RC-2MTS-18 RF Transfer Switch Matrix Software & Documentation Download: • Mini-Circuits’ full software and support package including user guide, Windows GUI, DLL files, programming manual and examples can be downloaded free of charge from https://www.minicircuits.com/softwaredownload/rfswitchcontroller.html • Please contact testsolutions@minicircuits.com for support Application Programming Interface (API) Ethernet Support: • Simple ASCII / SCPI command set for attenuator control • Communication via HTTP or Telnet • Supported by most common programming environments USB Support (Windows): • ActiveX COM DLL file for creation of 32-bit programs • .NET library DLL file for creation of 32 / 64-bit programs • Supported by most common programming environments (refer to application note AN-49-001 for summary of supported envi ronments) USB Support (Linux): • Direct USB programming using a series of USB interrupt codes Full programming instructions and examples available for a wide range of programming environments / languages. Software Specifications Minimum System Requirements: Parameter Requirements Interface USB HID & Ethernet (HTTP & Telnet) System Requirements GUI Windows 98 or later USB API DLL Windows 98 or later and programming environ- ment with ActiveX or .NET support USB Direct Programming Linux, Windows 98 or later Ethernet Windows, Linux or Mac computer with a network port and Ethernet TCP/IP support Hardware Pentium II or later with 256 MB RAM |