| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V600-H11-R bảng dữ liệu(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V600-H11-R bảng dữ liệu(HTML) 18 Page - Omron Electronics LLC |
|
18 / 34 page ![]() 18 Electromagnetic Coupling RFID System V600 Lower-level Communications Mode Setting (Distance/Time Priority) The lower-level communications mode is set with the DIP Switch or memory switch on the Serial-interface Controller (V600-CA5D02, V600-CD1D- V3, V600-CM1D) or ID Sensor Unit. (Refer to the Controller’s operation manual for more details on the setting.) Characteristic Data (Typical) ■ Transmission Range Note: The values shown in the following graphs are in millimeters. Refer to pages 10 to 16 for details on Data Carrier and R/W Head mounting conditions. Battery-less Data Carriers with Small Memory Capacity V600-D23P71 & V600-H07 V600-D23P72 & V600-H07 V600-D23P66N & V600-H07 V600-D23P66SP & V600-H07 V600-D23P61 & V600-H11 V600-D23P71 & V600-H11 V600-D23P72 & V600-H11 V600-D23P66N & V600-H11 V600-D23P66SP & V600-H11 V600-D23P61 & V600-H51 0 –20 –40 –60 –80 –100 –120 20 40 60 80 100 120 20 40 60 80 100 Y X X Y 0 –20 –40 –60 –80 –100 –120 20 40 60 80 100 120 20 40 60 80 100 Y X X Y 0 –20 –40 –60 –80 –100 20 40 60 80 100 20 40 60 80 Y X X Y 0 –20 –40 –60 –80 –100 20 40 60 80 100 20 40 60 80 Y X X Y 0 –10 –20 –30 –40 –50 10 20 30 50 40 10 20 30 40 Y X X Y 0 –20 –40 –60 –80 –100 20 40 60 80 100 20 40 60 80 Y X X Y 0 –20 –40 –60 –80 20 40 60 80 20 40 60 Y X X Y 0 –20 –40 –60 –80 20 40 60 80 20 40 60 Y X X Y 0 –20 –40 –60 –80 20 40 60 80 20 40 60 X Y X Y 0 –10 –20 –30 –40 10 20 30 40 10 20 30 Y X Y X Read range (in transmission distance priority mode) Write range (in transmission distance or transmission time priority mode) Read range (in transmission time priority mode) Q124-E1-03.fm Page 18 Tuesday, May 30, 2006 5:22 PM |