công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSRB071040RNB00B bảng dữ liệu(PDF) 1 Page - Murata Manufacturing Co., Ltd.

tên linh kiện FSRB071040RNB00B
Giải thích chi tiết về linh kiện  This reference specification is applied to ferrite core (FSRB Series) used for noise suppression
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSRB071040RNB00B bảng dữ liệu(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  FSRB071040RNB00B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSRB071040RNB00B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Spec No.JEYF01FH-1004D-01
P.1/8
MURATA MFG CO.,LTD.
Reference Only
FERRITECORE
FSRB Series
Reference Specification
1. Scope
This reference specification is applied to ferrite core (FSRB Series) used for noise suppression.
Please contact us when using this product for any other applications than described in the above.
2. Murata Part Number
Please see P.4/14.
Part Numbering
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(1)Ferrite
(6)
Material
(2)Ring Core
(7)
Process
B0:Barrel Type
(3)
Dimensions
(8)
Individual Specification Code
(4)
Outer Dimension Supplement Code
(9) Packing Code
B:Bulk
(5)
Length
3.Material
Ferrite
Permeability (Ref.)
Curie temperature
Electrical resistance
RT (Ni-Zn Type)
1600 ± 30%
110 °C
10
5
m
RN (Ni-Zn Type)
550 ± 30%
130 °C
10
5
m
4
Use in the environment
Operating temperature : -25~+85°C
Storage temperature
: -25~+125°C
5
Shape and Dimension
Please see P.5/8~8/8.
6. Appearance Standard
Please see P.4/8 as for Limit size of defect (Xmm
2) fig. 1
If there is any doubt about the appearance, the worst samples shall be made.
Xmm
2 Max
fig.1
7. Electrical Characteristic
No.
Ferrite
Specification
Test Methods
7.1
Impedance
Please see P.4/8.
Instruments : AGILENT4191A (or equivalent)
Frequency : 100MHz
Lead wire
: 2UEW
AWG#18
Please see P.4/8.
Temperature
23±2°C
Impedance shall be measured at fig.2
fig.2
7.2
Frequency-characteri
stics
of
Impedance
(reference)
Please see
P.5/8~8/8.
8. Inspection
Test condition
Characteristics shall be measured at 20±15°C, 85% RH under. If the measured value should be doubted, characteristics
shall be measured at 23±2°C, 85% RH under again.
Inspection Level: ANSI/ASQC Z1.4-1993, Revel S-4, Normal, Single inspection
Inspection item
Judgment
Measurement
Characteristic
n=10,Ac=0,Re=1
AGILENT4191A
(or equivalent)
Appearance
AQL 2.5%
Visual Inspection
Dimension
n=10,Ac=0,Re=1
Slide Calipers… etc.


Số phần tương tự - FSRB071040RNB00B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
FSRB071040RNB00 MURATA-FSRB071040RNB00 Datasheet
195Kb / 3P
Operating Temperature Range
More results

Mô tả tương tự - FSRB071040RNB00B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
NFM15CC222D1A3 MURATA-NFM15CC222D1A3 Datasheet
464Kb / 10P
This product specification is applied to Chip EMIFIL
NFM15CC222D1C3 MURATA-NFM15CC222D1C3 Datasheet
524Kb / 11P
This product specification is applied to Chip EMIFIL
NFM15CC223C1C3 MURATA-NFM15CC223C1C3 Datasheet
464Kb / 10P
This product specification is applied to Chip EMIFIL
NFM15PC105R0G3 MURATA-NFM15PC105R0G3 Datasheet
467Kb / 10P
This product specification is applied to Chip EMIFIL
NFM15PC435R0E3 MURATA-NFM15PC435R0E3 Datasheet
467Kb / 10P
This product specification is applied to Chip EMIFIL
NFM15PC474D0G3 MURATA-NFM15PC474D0G3 Datasheet
468Kb / 10P
This product specification is applied to Chip EMIFIL
NFM15PC474R0J3 MURATA-NFM15PC474R0J3 Datasheet
468Kb / 10P
This product specification is applied to Chip EMIFIL
FSRC080090RTB00B MURATA-FSRC080090RTB00B Datasheet
223Kb / 9P
This reference specification is applied to ferrite core (FSRC Series) used for noise suppression
FSRH021049RNB00B MURATA-FSRH021049RNB00B Datasheet
185Kb / 8P
This reference specification is applied to ferrite core (FSRH Series) used for noise suppression
FSSA101005RNNOOS MURATA-FSSA101005RNNOOS Datasheet
234Kb / 5P
This reference specification is applied to ferrite core (FSSA_RNN**S Series) used for noise suppression
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com