| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIMZ2 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMZ2 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 9 page ![]() 9397 750 13966 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data sheet Rev. 05 — 24 November 2004 2 of 9 Philips Semiconductors PIMZ2; PUMZ2 NPN/PNP general-purpose double transistors 2. Pinning information 3. Ordering information 4. Marking [1] * = -: made in Hong Kong * = t: made in Malaysia * = W: made in China Table 3: Pinning Pin Description Simplified outline Symbol PIMZ2 (SOT457) 1 collector TR2 2 emitter TR2 3 collector TR1 4 emitter TR1 5 base TR1 6 base TR2 PUMZ2 (SOT363) 1 emitter TR1 2 base TR1 3 base TR2 4 collector TR2 5 emitter TR2 6 collector TR1 SOT457 13 2 4 5 6 sym082 13 2 4 5 6 TR1 TR2 SOT363 13 2 4 5 6 sym083 13 2 TR1 4 5 6 TR2 Table 4: Ordering information Type number Package Name Description Version PIMZ2 SC-74 plastic surface mounted package; 6 leads SOT457 PUMZ2 SC-88 plastic surface mounted package; 6 leads SOT363 Table 5: Marking codes Type number Marking code [1] PIMZ2 M6 PUMZ2 GZ* |