| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8129ARM bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8129ARM bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 28 page ![]() REV. 0 –2– AD8129/AD8130–SPECIFICATIONS (AD8129 G = 10, AD8130 G = 1, TA = 25 C, VS = 5 V, REF = 0 V, PD ≥ VIH, RL = 1 k , CL = 2 pF, unless otherwise noted. TMIN to TMAX = –40 C to +85 C, unless otherwise noted.) Model AD8129A AD8130A Parameter Conditions Min Typ Max Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Bandwidth VOUT ≤ 0.3 V p-p 175 200 240 270 MHz VOUT = 2 V p-p 170 190 140 155 MHz Bandwidth for 0.1 dB Flatness VOUT ≤ 0.3 V p-p, SOIC/µSOIC 30/50 45 MHz Slew Rate VOUT = 2 V p-p, 25% to 75% 925 1060 950 1090 V/ µs Settling Time VOUT = 2 V p-p, 0.1% 20 20 ns Rise and Fall Time VOUT ≤ 1 V p-p, 10% to 90% 1.7 1.4 ns Output Overdrive Recovery 30 40 ns NOISE/DISTORTION Second Harmonic/Third Harmonic VOUT = 1 V p-p, 5 MHz –74/–84 –79/–86 dBc VOUT = 2 V p-p, 5 MHz –68/–74 –74/–81 dBc VOUT = 1 V p-p, 10 MHz –67/–81 –74/–80 dBc VOUT = 1 V p-p, 10 MHz –61/–70 –74/–76 dBc IMD VOUT = 2 V p-p, 10 MHz –67 –70 dBc Output IP3 VOUT = 2 V p-p, 10 MHz 25 26 dBm Input Voltage Noise (RTI) f ≥ 10 kHz 4.5 12.5 nV/ √Hz Input Current Noise (+IN, –IN) f ≥ 100 kHz 1 1 pA/ √Hz Input Current Noise (REF, FB) f ≥ 100 kHz 1.4 1.4 pA/ √Hz Differential Gain Error AD8130, G = 2, NTSC 200 IRE, RL ≥ 150 Ω 0.3 0.13 % Differential Phase Error AD8130, G = 2, NTSC 200 IRE, RL ≥ 150 Ω 0.1 0.15 Degrees INPUT CHARACTERISTICS Common-Mode Rejection Ratio DC to 100 kHz, VCM = –3 V to +3.5 V 94 110 90 110 dB VCM = 1 V p-p @ 2 MHz 80 80 dB VCM = 1 V p-p @ 10 MHz 70 70 dB CMRR with VOUT = 1 V p-p VCM = 2 V p-p @ 1 kHz, VOUT = ±0.5 V dc 100 83 dB Common-Mode Voltage Range V+IN – V–IN = 0 V ±3.5 ±3.8 V Differential Operating Range ±0.5 ±2.5 V Differential Clipping Level ±0.6 ±0.75 ±0.85 ±2.3 ±2.8 ±3.3 V Resistance Differential 1 6 M Ω Common-Mode 4 4 M Ω Capacitance Differential 3 3 pF Common-Mode 4 4 pF DC PERFORMANCE Closed-Loop Gain Error VOUT = ±1 V, R L ≥ 150 Ω±0.4 ±1.5 ±0.15 ±0.6 % TMIN to TMAX 20 10 ppm/ °C Open-Loop Gain VOUT = ±1 V 88 74 dB Gain Nonlinearity VOUT = ±1 V 250 200 ppm Input Offset Voltage 0.2 0.8 0.4 1.8 mV TMIN to TMAX 210 µV/°C TMIN to TMAX 1.4 3.5 mV Input Offset Voltage vs. Supply +VS = +5 V, –VS = –4.5 V to –5.5 V –90 –84 –78 –74 dB –VS = –5 V, +VS = +4.5 V to +5.5 V –94 –86 –80 –74 dB Input Bias Current (+IN, –IN) ±0.5 ±2 ±0.5 ±2 µA Input Bias Current (REF, FB) ±1 ±3.5 ±1 ±3.5 µA TMIN to TMAX (+IN, –IN, REF, FB) 5 5 nA/ °C Input Offset Current (+IN, –IN, REF, FB) ±0.08 ±0.4 ±0.08 ±0.4 µA TMIN to TMAX 0.2 0.2 nA/ °C OUTPUT PERFORMANCE Voltage Swing RLOAD = 150 Ω/1 kΩ 3.6/4.0 3.6/4.0 ±V Output Current 40 40 mA Short Circuit Current To Common –60/+55 –60/+55 mA TMIN to TMAX –240 –240 µA/°C Output Impedance PD ≤ V IL, In Power-Down Mode 10 10 pF POWER SUPPLY Operating Voltage Range Total Supply Voltage ±2.25 ±12.6 ±2.25 ±12.6 V Quiescent Supply Current 10.8 11.6 10.8 11.6 mA TMIN to TMAX 36 36 µA/°C PD ≤ V IL 0.68 0.85 0.68 0.85 mA PD ≤ V IL, TMIN to TMAX 11 mA PD PIN VIH +VS – 1.5 +VS – 1.5 V VIL +VS – 2.5 +VS – 2.5 V IIH PD = Min V IH –30 –30 µA IIL PD = Max V IL –50 –50 µA Input Resistance PD ≤ +VS – 3 V 12.5 12.5 k Ω PD ≥ +V S – 2 V 100 100 k Ω Enable Time 0.5 0.5 µs Specifications subject to change without notice. 5 V SPECIFICATIONS |