công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP6537 bảng dữ liệu(PDF) 9 Page - Monolithic Power Systems

tên linh kiện MP6537
Giải thích chi tiết về linh kiện  100V, Three-Phase, BLDC Motor Pre-Driver with PWM & Enable Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6537 bảng dữ liệu(HTML) 9 Page - Monolithic Power Systems

Back Button MP6537 Datasheet HTML 5Page - Monolithic Power Systems MP6537 Datasheet HTML 6Page - Monolithic Power Systems MP6537 Datasheet HTML 7Page - Monolithic Power Systems MP6537 Datasheet HTML 8Page - Monolithic Power Systems MP6537 Datasheet HTML 9Page - Monolithic Power Systems MP6537 Datasheet HTML 10Page - Monolithic Power Systems MP6537 Datasheet HTML 11Page - Monolithic Power Systems MP6537 Datasheet HTML 12Page - Monolithic Power Systems MP6537 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP6537 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH PWM & ENABLE INPUTS
MP6537 Rev. 1.01
www.MonolithicPower.com
9
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND
Ground.
2
VIN
Input supply voltage.
3
CSO
Current sense output and OCP off time adjust.
4
LDO
Gate drive LDO output/base drive for external NPN transistor.
5
VREG
Gate driver supply voltage.
6
BSTA
Bootstrap output phase A.
7
SHA
High-side source connection phase A.
8
GHA
High-side gate drive phase A.
9
GLA
Low-side gate drive phase A.
10
BSTB
Bootstrap output phase B.
11
SHB
High-side source connection phase B.
12
GHB
High-side gate drive phase B.
13
GLB
Low-side gate drive phase B.
14
BSTC
Bootstrap output phase C.
15
SHC
High-side source connection phase C.
16
GHC
High-side gate drive phase C.
17
GLC
Low-side gate drive phase C.
18
LSS
Low-side source connection.
19
PWMC
Phase C PWM input pin.
20
PWMB
Phase B PWM input pin.
21
PWMA
Phase A PWM input pin.
22
ENC
Phase C enable input pin.
23
ENB
Phase B enable input pin.
24
ENA
Phase A enable input pin.
25
nFAULT
Fault Indication. nFAULT is an open-drain output type. nFAULT is logic low when in a
fault condition.
26
nSLEEP
Sleep mode input. Drive nSLEEP to logic low to operate the device in a low-power
sleep mode. Float nSLEEP to enable the device.
27
OCREF
Over-current protection reference input.
28
DT
Dead time setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com