công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC7512 bảng dữ liệu(PDF) 13 Page - IXYS Corporation

tên linh kiện CPC7512
Giải thích chi tiết về linh kiện  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512 bảng dữ liệu(HTML) 13 Page - IXYS Corporation

Back Button CPC7512 Datasheet HTML 9Page - IXYS Corporation CPC7512 Datasheet HTML 10Page - IXYS Corporation CPC7512 Datasheet HTML 11Page - IXYS Corporation CPC7512 Datasheet HTML 12Page - IXYS Corporation CPC7512 Datasheet HTML 13Page - IXYS Corporation CPC7512 Datasheet HTML 14Page - IXYS Corporation CPC7512 Datasheet HTML 15Page - IXYS Corporation CPC7512 Datasheet HTML 16Page - IXYS Corporation CPC7512 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
R01
www.ixysic.com
13
Using the junction temperature rise equation
T=T
J -TA; the thermal impedance JA = 65.8C/W;
and a maximum junction temperature
TJ(max) = 110C, the equation reduces to:
To avoid entering thermal shutdown, the value for the
maximum junction temperature was set to 110
C as
specified in the Absolute Maximum Ratings table.
Conversely, it is possible to rework the equations to
determine the maximum switch current for a maximum
ambient current.
When using the individual switches of the CPC7512
within their allowable operating region, no restrictions
are placed on any other switch.
TAmax

TJmax

PTOTAL JA

–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18