| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC1580P bảng dữ liệu(PDF) 11 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC1580P bảng dữ liệu(HTML) 11 Page - IXYS Corporation |
|
11 / 13 page ![]() INTEGRATED CIRCUITS DIVISION CPC1580 R01 www.ixysic.com 11 • M=3 (multiplication factor for temperature and pro- cess variations • t on and toff are CPC1580 data sheet parameters • t RISE, VD is the rise time of the drain voltage and tCHG is the charge time of the storage capacitor and the over-voltage protection circuitry as derived in Section 4.3: choose the greater of tRISE,VD or tCHG for the calculation • t FALL,VD is the fall time across the transistor There is no minimum switching frequency since the CPC1580 uses photovoltaic diodes to keep the output charged while LED current flows. fMAX < 1 M • (ton + toff + (tRISE,VD | tCHG) + tFALL,VD) -1 |