công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACT14 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện 74ACT14
Giải thích chi tiết về linh kiện  Hex Inverter with Schmitt Trigger Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT14 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button 74ACT14 Datasheet HTML 3Page - ON Semiconductor 74ACT14 Datasheet HTML 4Page - ON Semiconductor 74ACT14 Datasheet HTML 5Page - ON Semiconductor 74ACT14 Datasheet HTML 6Page - ON Semiconductor 74ACT14 Datasheet HTML 7Page - ON Semiconductor 74ACT14 Datasheet HTML 8Page - ON Semiconductor 74ACT14 Datasheet HTML 9Page - ON Semiconductor 74ACT14 Datasheet HTML 10Page - ON Semiconductor 74ACT14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC14, 74ACT14 • Rev. 1.7.2
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
7. Voltage Range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(6)
TA  +25°C,
CL  50pF
TA  –40°C to +85°C,
CL  50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
3.3
1.5
9.5
13.5
1.5
15.0
ns
5.0
1.5
7.0
10.0
1.5
11.0
tPHL
Propagation Delay
3.3
1.5
7.5
11.5
1.5
13.0
ns
5.0
1.5
6.0
8.5
1.5
9.5
Symbol
Parameter
VCC (V)
(7)
TA  +25°C,
CL  50pF
TA  –40°C to +85°C,
CL  50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
tPHL
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
Symbol
Parameter
Conditions
Typ
Units
CIN
Input Capacitance
VCC  OPEN
4.5
pF
CPD
Power Dissipation Capacitance
AC
VCC  5.0V
25.0
pF
ACT
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11