| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2902 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
LM2902 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 16 page ![]() LM2902/LM2904 Document number: DS36780 Rev. 4 - 2 2 of 16 www.diodes.com August 2018 © Diodes Incorporated LM2902/LM2904 Functional Block Diagram Q2 Q4 Q3 Q1 Q8 Q9 6 A 4 A Q10 Q11 50 A Q5 Q6 Q13 Rsc Cc 100 A Q7 INPUTS + - OUTPUT Q12 VCC Each Amplifier Pin Descriptions LM2902, LM2902A Pin Name Pin Number Function 1OUT 1 Channel 1 Output 1IN- 2 Channel 1 Inverting Input 1IN+ 3 Channel 1 Non-Inverting Input VCC 4 Chip Supply Voltage 2IN+ 5 Channel 2 Non-Inverting Input 2IN- 6 Channel 2 Inverting Input 2OUT 7 Channel 2 Output 3OUT 8 Channel 3 Output 3IN- 9 Channel 3 Inverting Input 3IN+ 10 Channel 3 Non-Inverting Input GND 11 Ground 4IN+ 12 Channel 4 Non-Inverting Input 4IN- 13 Channel 4 Inverting Input 4OUT 14 Channel 4 Output LM2904, LM2904A 1OUT 1 Channel 1 Output 1IN- 2 Channel 1 Inverting Input 1IN+ 3 Channel 1 Non-Inverting Input GND 4 Ground 2IN+ 5 Channel 2 Non-Inverting Input 2IN- 6 Channel 2 Inverting Input 2OUT 7 Channel 2 Output VCC 8 Chip Supply Voltage |