| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS324 bảng dữ liệu(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AS324 bảng dữ liệu(HTML) 8 Page - Diodes Incorporated |
|
8 / 14 page ![]() AS324/324A Document number: DS36827 Rev. 3 - 2 8 of 14 www.diodes.com May 2018 © Diodes Incorporated AS324/324A Ordering Information AS324X X X - X Packing Package TR : Tape & Reel A : AS324A Blank : AS324 Product Name Product Version G : TSSOP-14 M : SOIC-14 E1/G1 E1 : RoHS Compliant G1 : RoHS Compliant and Green Notes: 7. All variants in Tube packing with package SO-14 are End of Life. All variants with package DIP-14 are End of Life without replacements. NRND: Not Recommended for New Design. 8. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/. Part Number Package (Note 8) RoHS Compliant Lead Free / Green Marking ID Packing Quantity Status (Note 7) Alternative AS324M-E1 SO-14 Lead Free AS324M-E1 Tube NA End of Life AS324MTR-G1 AS324MTR-E1 SO-14 Lead Free AS324M-E1 Tape & Reel 2500 NRND AS324MTR-G1 AS324AM-E1 SO-14 Lead Free AS324AM-E1 Tube NA End of Life AS324AMTR-G1 AS324AMTR-E1 SO-14 Lead Free AS324AM-E1 Tape & Reel 2500 NRND AS324MTR-G1 AS324M-G1 SO-14 Green AS324M-G1 Tube NA End of Life AS324AMTR-G1 AS324MTR-G1 SO-14 Green AS324M-G1 Tape & Reel 2500 In Production — AS324AM-G1 SO-14 Green AS324AM-G1 Tube NA End of Life AS324AMTR-G1 AS324AMTR-G1 SO-14 Green AS324AM-G1 Tape & Reel 2500 In Production — AS324GTR-E1 TSSOP-14 Lead Free EGS324 Tape & Reel 2500 NRND AS324GTR-G1 AS324GTR-G1 TSSOP-14 Green GGS324 Tape & Reel 2500 In Production — Pb Lead-Free Pb Lead-Free Pb Lead-Free Pb Lead-Free Pb Lead-Free |