| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M2DA bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
M2DA bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC |
|
3 / 6 page ![]() M2D 3 Ordering Information Ordering Individually .........Displays and Socket Units can be ordered separately. Combinations that are not available as sets can be created using individual Units. Also, store the parts as spares for maintenance and repairs. Ordering: Specify a model number from the following table. Display (with built-in LED) Socket Unit Appearance Color Rectangular Square Round Remarks Red M2DJ-500R M2DA-500R M2DT-500R Refer to the A3D datasheet for infor- mation on mounting and replacement. Yellow M2DJ-500Y M2DA-500Y M2DT-500Y Green M2DJ-500GY M2DA-500GY M2DT-500GY White M2DJ-500W M2DA-500W M2DT-500W Sealing IP40 Appearance Terminal type Rectangle Square Round Solder terminals M2DJ-7001 M2DA-7001 M2DT-7001 Display (with built-in LED) Socket Unit Ordering set combinations: Refer to page 2. ■ Specifications: Refer to page 4. ■ Dimensions: Refer to page 5. ■ Accessories: Refer to pages A3D |