công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSP065-DFAN2 bảng dữ liệu(PDF) 2 Page - Sparkle Power Inc.

tên linh kiện FSP065-DFAN2
Giải thích chi tiết về linh kiện  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPI [Sparkle Power Inc.]
Trang chủ  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP065-DFAN2 bảng dữ liệu(HTML) 2 Page - Sparkle Power Inc.

  FSP065-DFAN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP065-DFAN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP065-DFAN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP065-DFAN2 Datasheet HTML 4Page - Sparkle Power Inc. FSP065-DFAN2 Datasheet HTML 5Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPARKLE POWER INC.
FSP050/065-D(I)xAN2 Series AC-DC POWER SUPPLY
www.sparklepower.com
Tel: 1-408-519-8888/1-626-839-7180
E-Mail: sparkle@sparklepower.com
2
Specifications:
Model
FSP050-DIBAN2
FSP060-DIBAN2
FSP050-DAAN2
FSP060-DAAN2
FSP065-DFAN2
FSP065-DWAN2
Output
Rated Voltage
12V
12V
24V
24V
48V
54V
Current
0 ~ 4.2A
0 ~ 5A
0 ~ 2.1A
0 ~ 2.5A
0 ~ 1.4A
0 ~ 1.2A
Watts
50W
60W
50W
60W
65W
65W
Voltage Regulation
±5%
Overshoot
±10%
Dynamic Load Change
±10%
Ripple & Noise (Max.)
120mVp-p
200mVp-p
120mVp-p
200mVp-p
480mVp-p
540mVp-p
Turn on Time (Max.)
3Sec
Rise Time (Max.)
40ms
Hold up Time (Min.)
8ms
Efficiency (Typical)
88%
DOE VI & COC tier 1
88%
DOE VI & COC tier 1
89%
DOE VI & COC tier 2
89% ~ 90%
DOE VI & COC tier 2
89% ~ 90%
DOE VI & COC tier 2
89% ~ 90%
DOE VI & COC tier 2
Input
Voltage Range
90 ~ 264Vac
Frequency Range
47 ~ 63Hz(±1Hz)
Current (Max.)
1.5A
1.5A
1.5A
1.5A
1.8A
1.8A
Inrush Current (cold start,
full load,25°C)
68A @100Vac
144A@240Vac
59A@110Vac
152A@240Vac
53.2A@110Vac
99A @240Vac
63.5A@110Vac
72A @240Vac
41.5A@110Vac
81A @240Vac
42.5A@110Vac
69.5A @240Vac
Leakage Current (Max.)
0.25mA at 264VAC/50Hz
No Load Power
Consumption
0.1W
Protection
Short Circuit Protection
output shut down and auto-recovery after Fault condition removed
Over Current Protection
output shut down and auto-recovery after Fault condition removed
Over Voltage Protection
output shut down at 160% of voltage and recovery after AC reset
Over Temperature
Protection
output shut down at abnormal temperature and recovery after AC reset
Safety &
Compliance
Safety Approvals
CB,UL/cUL, TUV
EMI/EMC
FCC Part 15 Class B, EMC
RoHS
2011/65/EU
Hi Pot
Input to output 1.5KV for 1 minute
Insulation Resistance
Input to Output at 500Vdc ≥20MΩ
Environment
Operating Temperature/
Humidity
0~40⁰C/20~80%
Storage Temperature/
Humidity
-20~70⁰C/10~90%
Vibration
(1)Non-operating, 0.01g2/Hz at 5Hz,slopping to 0.02g2/Hz at 20Hz,
And maintain 0.02g2/Hz from 20Hz ~ 500Hz
(2)PSD=3.13grms, 15 minutes/axis
(3)Vibration duration:15minutes
(4)Vibration waveform: Random
(5)Force Direction X,Y,Z
Other
Dimension ((L*W*H)
110*62.2*31.3 mm
Adapter Weight (Typical)
350g
MTBF
Above 500K hours, Telcordia SR-332 (25⁰C)
Note
Contact SPI for further information



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com