công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M0437WC080 bảng dữ liệu(PDF) 11 Page - IXYS Corporation

tên linh kiện M0437WC080
Giải thích chi tiết về linh kiện  Soft Recovery Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

M0437WC080 bảng dữ liệu(HTML) 11 Page - IXYS Corporation

Back Button M0437WC080 Datasheet HTML 3Page - IXYS Corporation M0437WC080 Datasheet HTML 4Page - IXYS Corporation M0437WC080 Datasheet HTML 5Page - IXYS Corporation M0437WC080 Datasheet HTML 6Page - IXYS Corporation M0437WC080 Datasheet HTML 7Page - IXYS Corporation M0437WC080 Datasheet HTML 8Page - IXYS Corporation M0437WC080 Datasheet HTML 9Page - IXYS Corporation M0437WC080 Datasheet HTML 10Page - IXYS Corporation M0437WC080 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Soft Recovery Diode Types M0437WC080 to M0437WC140
Data Sheet. Types M0437WC080 to M0437WC140 Issue 3
Page 11 of 11
October 2014
Outline Drawing & Ordering Information
ORDERING INFORMATION
(Please quote 10 digit code as below)
M0437
WC

0
Fixed
Type Code
Fixed
outline code
Voltage code
VRRM/100
08-14
Fixed code
Order code: M0437WC140
– 1400V VRRM, 14.4mm clamp height capsule.
IXYS Semiconductor GmbH
Edisonstraße 15
D-68623 Lampertheim
Tel: +49 6206 503-0
Fax: +49 6206 503-627
E-mail: marcom@ixys.de
IXYS UK Westcode Ltd
Langley Park Way, Langley Park,
Chippenham, Wiltshire, SN15 1GE.
Tel: +44 (0)1249 444524
Fax: +44 (0)1249 659448
E-mail: sales@ixysuk.com
IXYS Corporation
1590 Buckeye Drive
Milpitas CA 95035-7418
Tel: +1 (408) 547 9000
Fax: +1 (408) 496 0670
E-mail: sales@ixys.net
www.ixysuk.com
www.ixys.com
IXYS Long Beach, Inc
IXYS Long Beach, Inc
2500 Mira Mar Ave, Long Beach
CA 90815
Tel: +1 (562) 296 6584
Fax: +1 (562) 296 6585
E-mail: service@ixyslongbeach.com
The information contained herein is confidential and is protected by Copyright. The information may not be used or disclosed
except with the written permission of and in the manner permitted by the proprietors IXYS UK Westcode Ltd.
In the interest of product improvement, IXYS UK Westcode Ltd reserves the right to change specifications at any time without
prior notice.
Devices with a suffix code (2-letter, 3-letter or letter/digit/letter combination) added to their generic code are not necessarily
subject to the conditions and limits contained in this report.
© IXYS UK Westcode Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com