| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXBOD1 bảng dữ liệu(PDF) 3 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXBOD1 bảng dữ liệu(HTML) 3 Page - IXYS Corporation |
|
3 / 5 page ![]() © 2013 IXYS All rights reserved 3 - 5 20130822a IXBOD1 IXYS reserves the right to change limits, test conditions and dimensions. Data according ot IEC 60747 and per semiconductor unless otherwise specified Package FP-Case Ratings Symbol Definitions Conditions min. typ. max. T amb T stg T VJM ambient temperature (cooling medium) storage temperature maximum virtual junction temperature -40 -40 -40 125 125 125 °C °C °C Weight 0.9 g Date Code Part No. Logo Product Marking yywwA Assembly line K A Ordering Part Name Marking on Product Delivering Mode Base Qty Ordering Code Standard IXBOD1-06 IXBOD1-06 Box 100 467936 Standard IXBOD1-07 IXBOD1-07 Box 100 478873 Standard IXBOD1-08 IXBOD1-08 Box 100 467928 Standard IXBOD1-09 IXBOD1-09 Box 100 474940 Standard IXBOD1-10 IXBOD1-10 Box 100 467839 |