công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RPM-2.0 bảng dữ liệu(PDF) 2 Page - Recom International Power

tên linh kiện RPM-2.0
Giải thích chi tiết về linh kiện  2 Amp Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RPM-2.0 bảng dữ liệu(HTML) 2 Page - Recom International Power

  RPM-2.0 Datasheet HTML 1Page - Recom International Power RPM-2.0 Datasheet HTML 2Page - Recom International Power RPM-2.0 Datasheet HTML 3Page - Recom International Power RPM-2.0 Datasheet HTML 4Page - Recom International Power RPM-2.0 Datasheet HTML 5Page - Recom International Power RPM-2.0 Datasheet HTML 6Page - Recom International Power RPM-2.0 Datasheet HTML 7Page - Recom International Power RPM-2.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.recom-power.com
REV.: 0/2018
RPM-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPM-2.0
Series
Parameter
Condition
Min.
Typ.
Max.
Output Voltage Trimming (3)
0.9VDC
6VDC
Minimum Dropout Voltage (Vdrop) (4)
Vin min. = Vdrop + Vout
50mV/A
Minimum Load
0%
Start-up Time
without using soft start function/ power up
using CTRL function
1.6ms
1.5ms
Rise-time
1.4ms
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or 0.9V<V
CTRL<Vin
Short or -0.3V<V
CTRL<0.45VDC
Input Current of CTRL Pin
DC-DC OFF
1.2µA
Standby Current
DC-DC OFF
15µA
Internal Operating Frequency
1.25MHz
Output Ripple and Noise (5)
20MHz BW, 80Ohm @ 100MHz
60mVp-p
Absolute Maximum Capacitive Load
below 1 second start up + C
ss = 3700nF
below 1 second start up without softstart mode
42000µF
800µF
Notes:
Note2: As input approaches output voltage set point, device enters 100% duty cycle mode. In 100% duty cycle
mode, Vout equals Vin minus dropout voltage (see Dropout vs. Load graph)
Note3: For more detailed information, please refer to trim table or calculation on page RPM-3
Note4: Required dropout voltage per 1A output current to be within accuracy (see Dropout vs. Load graph)
Note5: Measurements are made with a 22µF MLCC across output (low ESR)
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
3Vin
5Vin
12Vin
17Vin
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
4Vin
5Vin
12Vin
17Vin
Dropout Voltage vs. Load
0.12
0.08
0.04
0.10
0.06
0.02
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
RPM3.3-2.0
RPM5.0-2.0



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com