| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCT2202 bảng dữ liệu(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCT2202 bảng dữ liệu(HTML) 24 Page - NXP Semiconductors |
|
24 / 30 page ![]() PCT2202 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1.1 — 14 August 2015 24 of 30 NXP Semiconductors PCT2202 Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor Device removal can be done when the substrate is heated until it is certain that all solder joints are molten. The chip can then be carefully removed from the substrate without damaging the tracks and solder lands on the substrate. Removing the device must be done using plastic tweezers, because metal tweezers can damage the silicon. The surface of the substrate should be carefully cleaned and all solder and flux residues and/or underfill removed. When a new chip is placed on the substrate, use the flux process instead of solder on the solder lands. Apply flux on the bumps at the chip side as well as on the solder pads on the substrate. Place and align the new chip while viewing with a microscope. To reflow the solder, use the solder profile shown in application note AN10365 “Surface mount reflow soldering description”. 14.3.4 Cleaning Cleaning can be done after reflow soldering. |