công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9548 bảng dữ liệu(PDF) 94 Page - Analog Devices

tên linh kiện AD9548
Giải thích chi tiết về linh kiện  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9548 bảng dữ liệu(HTML) 94 Page - Analog Devices

Back Button AD9548 Datasheet HTML 90Page - Analog Devices AD9548 Datasheet HTML 91Page - Analog Devices AD9548 Datasheet HTML 92Page - Analog Devices AD9548 Datasheet HTML 93Page - Analog Devices AD9548 Datasheet HTML 94Page - Analog Devices AD9548 Datasheet HTML 95Page - Analog Devices AD9548 Datasheet HTML 96Page - Analog Devices AD9548 Datasheet HTML 97Page - Analog Devices AD9548 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
AD9548
Data Sheet
Register 0x0A03—ResetFunc
Table 122. Reset Functions1
Address
Bits
Bit Name
Description
0x0A03
[7]
Unused
[6]
Clear LF
Setting this bit (default = 0) clears the digital loop filter (intended as a debug tool).
[5]
Clear CCI
Setting this bit (default = 0) clears the CCI filter (intended as a debug tool).
[4]
Clear phase
accumulator
Setting this bit (default = 0) clears DDS phase accumulator (not a recommended action).
[3]
Reset auto
sync
Setting this bit (default = 0) resets the automatic synchronization logic (see Register 0x0403).
[2]
Reset TW
history
Setting this bit (default = 0) resets the tuning word history logic (part of holdover functionality).
[1]
Reset all IRQs
Setting this bit (default = 0) clears the entire IRQ monitor register (Register 0x0D02 to Register 0x0D09).
It is the equivalent of setting all the bits of the IRQ clearing register (Register 0x0A04 to Register
0x0A0B).
[0]
Reset
watchdog
Setting this bit (default = 0) resets the watchdog timer (see Register 0x0211 to Register 0x0212). If the
timer had timed out, it simply starts a new timing cycle. If the timer has not yet timed out, it restarts at
time zero without causing a timeout event. Continuously resetting the watchdog timer at intervals less
than its timeout period prevents the watchdog timer from generating a timeout event.
1
All bits in this register are autoclearing.
Register 0x0A04 to Register 0x0A0B—IRQ Clearing
The IRQ clearing registers are identical in format to the IRQ monitor registers (Address 0x0D02 to Address 0x0D09). When set to Logic
1, an IRQ clearing bit resets the corresponding IRQ monitor bit, thereby canceling the interrupt request for the indicated event. The IRQ
clearing register is an autoclearing register.
Table 123. IRQ Clearing for SYSCLK
Address
Bits
Bit Name
Description
0x0A04
[7:6]
Unused
[5]
SYSCLK unlocked
Clears SYSCLK unlocked IRQ
[4]
SYSCLK locked
Clears SYSCLK locked IRQ
[3:2]
Unused
[1]
SYSCLK Cal complete
Clears SYSCLK calibration complete IRQ
[0]
SYSCLK Cal started
Clears SYSCLK calibration started IRQ
Table 124. IRQ Clearing for Distribution Sync, Watchdog Timer, and EEPROM
Address
Bits
Bit Name
Description
0x0A05
[7:4]
Unused
[3]
Distribution sync
Clears distribution sync IRQ
[2]
Watchdog timer
Clears watchdog timer IRQ
[1]
EEPROM fault
Clears EEPROM fault IRQ
[0]
EEPROM complete
Clears EEPROM complete IRQ
Table 125. IRQ Clearing for the Digital PLL
Address
Bits
Bit Name
Description
0x0A06
[7]
Switching
Clears switching IRQ
[6]
Closed
Clears closed IRQ
[5]
Free-run
Clears free-run IRQ
[4]
Holdover
Clears holdover IRQ
[3]
Freq unlocked
Clears frequency unlocked IRQ
[2]
Freq locked
Clears frequency locked IRQ
[1]
Phase unlocked
Clears phase unlocked IRQ
[0]
Phase locked
Clears phase locked IRQ
Rev. G | Page 94 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More