công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMAF40C bảng dữ liệu(PDF) 4 Page - Guangdong Juxing Electronics Technology Co., Ltd.

tên linh kiện SMAF40C
Giải thích chi tiết về linh kiện  Surface mount transient voltage suppressor power 200 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Trang chủ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMAF40C bảng dữ liệu(HTML) 4 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMAF40C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF40C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF40C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF40C Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF40C Datasheet HTML 5Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig.1 Peak Pulse Power Rating Curve
1
0.1
0.1
1.0
10
100
10
100
1000
10000
20
40
60
80
100
0
25
50
75
100
125
150
175
Fig.2 Forward Current Derating Curve
Fig.4 Maximum Non-Repetitive Peak
Forward Surge Current
10
100
1
0
10
20
30
50
40
60
t ,PULSE WIDTH ,us
d
Non-Repetive Pulse.Wavefom
Shown in Figure.3
T =25
A
°C
Number of Cycles at 60Hz
TJ=TJmax
8.3ms Single Half Sinepwave
JEDEC Method
T ,AMBIENT TEMPERATURE,
A
°C
20
40
60
80
100
0
Fig.3 Pulse Waveform
0
1.0
2.0
3.0
4.0
120
T,TIME,ms
t =10usec
f
Peak Value
Ippm
Half Value-Ipp/2
10/1000usec Waveform as Defined bye R.E.A.
Pulse
Width (td) is Defined
as the Point where the Peak.
Current Decayst to 50% of Ipp
TA=25
°C
20
40
60
80
100
0
Fig.3 Pulse Waveform
0
1.0
2.0
3.0
4.0
120
T,TIME,ms
t =10usec
f
Peak Value
Ippm
Half Value-Ipp/2
10/1000usec Waveform as Defined bye R.E.A.
Pulse
Width (td) is Defined
as the Point where the Peak.
Current Decayst to 50% of Ipp
TA=25
°C
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
Surface mount transient voltage suppressor power 200 watts
SMAF5.0A THRU SMAF220A
http://www.trr-jx.com
version: 02



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com