công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2908265 bảng dữ liệu(PDF) 1 Page - PHOENIX CONTACT

tên linh kiện 2908265
Giải thích chi tiết về linh kiện  Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908265 bảng dữ liệu(HTML) 1 Page - PHOENIX CONTACT

  2908265 Datasheet HTML 1Page - PHOENIX CONTACT 2908265 Datasheet HTML 2Page - PHOENIX CONTACT 2908265 Datasheet HTML 3Page - PHOENIX CONTACT 2908265 Datasheet HTML 4Page - PHOENIX CONTACT 2908265 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2908265
05.11.2013   Page 1 / 5
Electronic housing - ME 35 UTM - 2908265
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate
element is 17.5 mm wide.
Illustration shows a fully mounted
version of the electronic housing
 
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
Weight per Piece (excluding packing)
16.21 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Product type
Component housing center part
Approval
UL Recognized
Width
17.5 mm
Color
green
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702


Số phần tương tự - 2908265

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
2908264 PHOENIX-2908264 Datasheet
129Kb / 10P
Combination type 1/2 protective device - FLT-SEC-P-T1-3S-440/35-FM
09/12/2020
More results

Mô tả tương tự - 2908265

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
2853417 PHOENIX-2853417 Datasheet
128Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 22.5 mm wide.
2853666 PHOENIX-2853666 Datasheet
130Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide, color: Black
2908275 PHOENIX-2908275 Datasheet
129Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 17.5 mm wide.
2955593 PHOENIX-2955593 Datasheet
45Kb / 2P
Side element, for closing both ends of the base element UM-BEFE
2958147 PHOENIX-2958147 Datasheet
48Kb / 2P
Side element, for closing both ends of the base element UM-BEFE
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Linx Technologies
ANT-315-CW-RH LINX-ANT-315-CW-RH Datasheet
354Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
ANT-418-CW-RAH LINX-ANT-418-CW-RAH Datasheet
379Kb / 2P
The RAH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
12/4/13
ANT-418-CW-RH LINX-ANT-418-CW-RH Datasheet
358Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
ANT-433-CW-RH LINX-ANT-433-CW-RH Datasheet
361Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com