| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9544 bảng dữ liệu(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9544 bảng dữ liệu(HTML) 61 Page - Analog Devices |
|
61 / 62 page ![]() Data Sheet AD9544 Rev. 0 | Page 61 of 62 Data Transfer Format The write byte format is used to write a register address to the RAM starting from the specified RAM address (see Table 38). The send byte format is used to set up the register address for subsequent reads (see Table 39). The receive byte format is used to read the data byte(s) from RAM starting from the current address (see Table 40). The read byte format is the combined format of the send byte and the receive byte (see Table 41). Table 38. Write Byte Format S Slave address W A RAM address high byte A RAM address low byte A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Table 39. Send Byte Format S Slave address W A RAM address high byte A RAM address low byte A P Table 40. Receive Byte Format S Slave address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Table 41. Read Byte Format S Slave address W A RAM address high byte A RAM address low byte A Sr Slave address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P I²C Serial Port Timing S Sr S P SDA SCL tSP tHD; STA tSU; STA tSU; DAT tHD; DAT tHD; STA tSU; STO tBUF tR tF tR tF tHIGH tLOW Figure 64. I²C Serial Port Timing Table 42. I²C Timing Definitions Parameter Description fSCL Serial clock tBUF Bus free time between stop and start conditions tHD; STA Repeated hold time start condition tSU; STA Repeated start condition setup time tSU; STO Stop condition setup time tHD; DAT Data hold time tSU; DAT Data setup time tLOW SCL clock low period tHIGH SCL clock high period tR Minimum/maximum receive SCL and SDA rise time tF Minimum/maximum receive SCL and SDA fall time tSP Pulse width of voltage spikes that must be suppressed by the input filter |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |