| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9528BCPZ bảng dữ liệu(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9528BCPZ bảng dữ liệu(HTML) 65 Page - Analog Devices |
|
65 / 67 page ![]() Data Sheet AD9528 Rev. D | Page 65 of 67 STATUS CONTROL (REGISTER 0x0505 TO REGISTER 0x0509) Table 67. Status Control Signals Address Bits Bit Name Description 0x0505 [7:0] Status Monitor 0 control Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Mux Out 0 0 0 0 0 0 GND 0 0 0 0 0 1 PLL1 and PLL2 locked 0 0 0 0 1 0 PLL1 locked 0 0 0 0 1 1 PLL2 locked 0 0 0 1 0 0 Both references are missing (REFA and REFB) 0 0 0 1 0 1 Both references are missing and PLL2 is locked 0 0 0 1 1 0 REFB selected (applies only to auto select mode) 0 0 0 1 1 1 REFA is correct 0 0 1 0 0 0 REFB is correct 0 0 1 0 0 1 PLL1 in Holdover 0 0 1 0 1 0 VCXO is correct 0 0 1 0 1 1 PLL1 feedback is correct 0 0 1 1 0 0 PLL2 feedback clock is correct 0 0 1 1 0 1 Fast lock in progress 0 0 1 1 1 0 REFA and REFB are correct 0 0 1 1 1 1 All clocks are correct 0 1 0 0 0 0 PLL1 feedback divide by 2 0 1 0 0 0 1 PLL1 PFD down divide by 2 0 1 0 0 1 0 PLL1 REF divide by 2 0 1 0 0 1 1 PLL1 PFD up divide by 2 0 1 0 1 0 0 GND 0 1 0 1 0 1 GND 0 1 0 1 1 0 GND 0 1 0 1 1 1 GND Note that all bit combinations after 010111 are reserved 0x0506 [7:0] Status Monitor 1 control Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Mux Out 0 0 0 0 0 0 GND 0 0 0 0 0 1 PLL1 and PLL2 locked 0 0 0 0 1 0 PLL1 locked 0 0 0 0 1 1 PLL2 locked 0 0 0 1 0 0 Both references are missing (REFA and REFB) 0 0 0 1 0 1 Both references are missing and PLL2 is locked 0 0 0 1 1 0 REFB selected (applies only to auto select mode) 0 0 0 1 1 1 REFA is correct 0 0 1 0 0 0 REFB is correct 0 0 1 0 0 1 PLL1 in Holdover 0 0 1 0 1 0 VCXO is correct 0 0 1 0 1 1 PLL1 feedback is correct 0 0 1 1 0 0 PLL2 feedback clock is correct 0 0 1 1 0 1 Fast Lock in Progress 0 0 1 1 1 0 REFA and REFB are correct 0 0 1 1 1 1 All clocks are correct 0 1 0 0 0 0 GND 0 1 0 0 0 1 GND 0 1 0 0 1 0 GND 0 1 0 0 1 1 GND 0 1 0 1 0 0 PLL2 feedback divide by 2 0 1 0 1 0 1 PLL2 PFD down divide by 2 |