| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC6953 bảng dữ liệu(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC6953 bảng dữ liệu(HTML) 36 Page - Analog Devices |
|
36 / 56 page ![]() LTC6953 36 Rev 0 For more information www.analog.com Preliminary Technical Data Advance Product Information Subject to Change Rev PrA APPLICATIONS INFORMATION Figure 25. Outputs after SYSREF Request for the EZSync Standalone Design Example (SRQMD = 1) Figure 24. Outputs after Synchronization for the EZSync Standalone Design Example (SRQMD = 0) EZS_SRQ OR SSRQ BIT ADC DEVICE CLOCKS (OUT1 AND 3) ADC SYSREFs (MUTED OUT0 AND 2) DAC DEVICE CLOCKS (OUT8 AND 10) DAC SYSREFs (MUTED OUT7 AND 9) FPGA SYSREF (MUTED OUT4) FPGA MANAGEMENT CLOCK (OUT6) SYSREF VALID CLOCK EDGE NOT SYNCHRONIZED, PHASE UNDETERMINED 6953 F24 FPGA DEVICE CLOCK (OUT5) INTERNAL ADC SYSREF DIVIDERS (MUTED OUT0 AND 2) INTERNAL DAC SYSREF DIVIDERS (MUTED OUT7 AND 9) INTERNAL FPGA SYSREF DIVIDER (MUTED OUT4) EZS_SRQ OR SSRQ BIT 6953 F25 ADC DEVICE CLOCKS (OUT1 AND 3) ADC SYSREFs (OUT0 AND 2) DAC DEVICE CLOCKS (OUT8 AND 10) DAC SYSREFs (OUT7 AND 9) FPGA SYSREF (OUT4) FPGA MANAGEMENT CLOCK (OUT6) FPGA DEVICE CLOCK (OUT5) 500MHZ 4000MHZ 125MHZ 100MHZ |