công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC1035LP6GE bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện HMC1035LP6GE
Giải thích chi tiết về linh kiện  HigH Performance, 3.3 V clock generator 25 - 2500 mHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC1035LP6GE bảng dữ liệu(HTML) 2 Page - Analog Devices

  HMC1035LP6GE Datasheet HTML 1Page - Analog Devices HMC1035LP6GE Datasheet HTML 2Page - Analog Devices HMC1035LP6GE Datasheet HTML 3Page - Analog Devices HMC1035LP6GE Datasheet HTML 4Page - Analog Devices HMC1035LP6GE Datasheet HTML 5Page - Analog Devices HMC1035LP6GE Datasheet HTML 6Page - Analog Devices HMC1035LP6GE Datasheet HTML 7Page - Analog Devices HMC1035LP6GE Datasheet HTML 8Page - Analog Devices HMC1035LP6GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC1035LP6GE
v02.0614
HigH Performance, +3.3 V clock generator
25 - 2500 mHz
general Description
the HMC1035lP6Ge is a low-noise, wide-band 3.3 V clock generator IC with a fractional-n Phase locked loop
(Pll) that features an integrated Voltage Controlled oscillator (VCo). the device provides differential clock outputs
between 25 MHz and 2500 MHz range. the HMC1035lP6Ge features a low noise Phase Detector (PD) and
Delta-sigma modulator, capable of operating at up to 100 MHz which permits wider loop-bandwidths and excellent
spurious performance.
the HMC1035lP6Ge features industry leading phase noise and jitter performance, across the operating range,
that enable it to improve link level jitter performance, Bit-error-rates (Ber) and eye diagram metrics. the superior
noise loor (<-162 dBc/Hz) makes the HMC1035lP6Ge an ideal source for a variety of applications –such as clock
references for high speed data converters, physical layer devices (PHY), serializer/deserializer (serDes) circuits,
FPGas and processors. the HMC1035lP6Ge can also be used as an lo for 10G/40G/100G optical modules
and transponders, as well as primary reference clock for 10G/40G/100G line cards, and for jitter attenuation and
frequency translation.
the differential output of the HMC1035lP6Ge can be set to either external termination, which could be used for
lVPeCl operation, or Internal termination for operation in an lVDs compatible mode or lVPeCl, see Figure 18.
additionally, an ouput swing adjustment makes the device lexible and compatible with a wide variety of signal level
requirements. the output can be internally terminated to reduce component count and cost or could be terminated
externally using standard lVPeCl termination methods such as Figure 21. an output Mute function allows the user
to shut off the outputs, such as may be required for board testing or debugging. the lVPeCl/lVDs, amplitude
select and output Mute function are all programmed sPI serial programming
the HMC1035lP6Ge is designed to select between a Power Priority or a Performance Priority mode. the Power
Priority setting reduces the current consumption of the part, whereas the Performance Priority setting improves the
Jitter and Phase noise performance.
the 24 bit Delta-sigma Modulator further enhances Hittite’s exact Frequency Mode, which enables users to
generate output frequencies with 0 Hz frequency error in many applications.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com