công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0200F3AEP bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện MMPF0200F3AEP
Giải thích chi tiết về linh kiện  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F3AEP bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  MMPF0200F3AEP Datasheet HTML 1Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 2Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 3Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 4Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 5Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 6Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 7Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 8Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
Document Number: MMPF0200
Rev. 6.0, 8/2016
NXP Semiconductors
Data Sheet: Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© 2016 NXP B.V.
12 channel configurable power
management integrated circuit
The PF0200 Power Management Integrated Circuit (PMIC) provides a highly
programmable/ configurable architecture, with fully integrated power devices
and minimal external components. With up to four buck converters, one boost
regulator, six linear regulators, RTC supply, and coin-cell charger, the PF0200
can provide power for a complete system, including applications processors,
memory, and system peripherals, in a wide range of applications. With on-chip
One Time Programmable (OTP) memory, the PF0200 is available in pre-
programmed standard versions, or non-programmed to support custom
programming. The PF0200 is especially suited to the i.MX 6SoloLite,
i.MX 6Solo and i.MX 6DualLite versions of the i.MX 6 family of devices and is
supported by full system level reference designs, and pre-programmed
versions of the device. This device is powered by SMARTMOS technology.
Features:
• Three to four buck converters, depending on configuration
• Boost regulator to 5.0 V output
• Six general purpose linear regulators
• Programmable output voltage, sequence, and timing
• OTP (One Time Programmable) memory for device configuration
• Coin cell charger and RTC supply
• DDR termination reference voltage
• Power control logic with processor interface and event detection
•I2C control
• Individually programmable ON, OFF, and Standby modes
Figure 1. Simplified application diagram
POWER MANAGEMENT
PF0200
EP SUFFIX (E-TYPE)
56 QFN 8X8
98ASA00405D
Applications
•Tablets
•IPTV
• Industrial Control
• Medical monitoring
• Home automation/ alarm/ energy management
ES SUFFIX (WF-TYPE)
56 QFN 8X8
98ASA00589D
VGEN3
VGEN5
Camera
Audio
Codec
Cluster/HUD
External AMP
Microphones
Speakers
Front USB
POD
Rear USB
POD
Rear Seat
Infotaiment
Sensors
i.MX6X
I2C Communication
I
2C Communication
PF0200
Control Signals
Parallel control/GPIOS
LICELL
Charger
COINCELL
Main Supply
VGEN1
VGEN2
VGEN4
VGEN6
SWBST
SW3A/B
SW1A/B
SW2
GPS
MIPI
uPCIe
SATA - FLASH
NAND - NOR
Interfaces
Processor Core
Voltages
Camera
VREFDDR
DDR Memory
DDR MEMORY
INTERFACE
SD-MMC/
NAND Mem.
SATA
HDD
WAM
GPS
MIPI
HDMI
LDVS Display
USB
Ethernet
CAN


Số phần tương tự - MMPF0200F3AEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MMPF0200F3AEP NXP-MMPF0200F3AEP Datasheet
2Mb / 115P
12 channel configurable power management integrated circuit
Rev. 8, 4/2022
More results

Mô tả tương tự - MMPF0200F3AEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MMPF0100 FREESCALE-MMPF0100 Datasheet
2Mb / 136P
14 Channel Configurable Power Management Integrated Circuit
logo
NXP Semiconductors
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0100Z NXP-MMPF0100Z Datasheet
2Mb / 128P
14 channel configurable power management integrated circuit
Rev. 12.0, 8/2016
PF8100 NXP-PF8100 Datasheet
1Mb / 131P
12-channel power management integrated circuit for high performance applications
Rev. 9.0-19 November 2019
MMPF0200Z NXP-MMPF0200Z Datasheet
2Mb / 118P
12 Channel Configurable Power Management Integrated Circuit
Rev. 2.0, 11/2014
MMPF0100 NXP-MMPF0100 Datasheet
1Mb / 136P
14 channel configurable power management integrated circuit
Rev. 18, 7/2019
MMPF0100 NXP-MMPF0100_V01 Datasheet
2Mb / 137P
14 channel configurable power management integrated circuit
Rev. 19, 4/2022
MMPF0200 NXP-MMPF0200_V01 Datasheet
2Mb / 115P
12 channel configurable power management integrated circuit
Rev. 8, 4/2022
MMPF0100 NXP-MMPF0100_V02 Datasheet
1Mb / 137P
14 channel configurable power management integrated circuit
Rev. 20, 5/2022
PF0100Z NXP-PF0100Z Datasheet
1Mb / 128P
14 channel configurable power management integrated circuit
Rev. 13.0, 5/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com