công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCLK846BCPZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADCLK846BCPZ
Giải thích chi tiết về linh kiện  1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADCLK846BCPZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADCLK846BCPZ Datasheet HTML 1Page - Analog Devices ADCLK846BCPZ Datasheet HTML 2Page - Analog Devices ADCLK846BCPZ Datasheet HTML 3Page - Analog Devices ADCLK846BCPZ Datasheet HTML 4Page - Analog Devices ADCLK846BCPZ Datasheet HTML 5Page - Analog Devices ADCLK846BCPZ Datasheet HTML 6Page - Analog Devices ADCLK846BCPZ Datasheet HTML 7Page - Analog Devices ADCLK846BCPZ Datasheet HTML 8Page - Analog Devices ADCLK846BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.8 V, 6 LVDS/12 CMOS Outputs
Low Power Clock Fanout Buffer
Data Sheet
ADCLK846
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Selectable LVDS/CMOS outputs
Up to 6 LVDS (1.2 GHz) or 12 CMOS (250 MHz) outputs
<16 mW per channel (100 MHz operation)
54 fs integrated jitter (12 kHz to 20 MHz)
100 fs additive broadband jitter
2.0 ns propagation delay (LVDS)
135 ps output rise/fall (LVDS)
65 ps output-to-output skew (LVDS)
Sleep mode
Pin-programmable control
1.8 V power supply
APPLICATIONS
Low jitter clock distribution
Clock and data signal restoration
Level translation
Wireless communications
Wired communications
Medical and industrial imaging
ATE and high performance instrumentation
FUNCTIONAL BLOCK DIAGRAM
OUT0 (OUT0A)
OUT0 (OUT0B)
OUT1 (OUT1A)
OUT1 (OUT1B)
OUT2 (OUT2A)
OUT2 (OUT2B)
OUT3 (OUT3A)
OUT3 (OUT3B)
OUT4 (OUT4A)
OUT4 (OUT4B)
OUT5 (OUT5A)
OUT5 (OUT5B)
LVDS/CMOS
LVDS/CMOS
CLK
CTRL_A
CTRL_B
SLEEP
VREF
CLK
ADCLK846
Figure 1.
GENERAL DESCRIPTION
The ADCLK846 is a 1.2 GHz/250 MHz, LVDS/CMOS, fanout
buffer optimized for low jitter and low power operation. Possible
configurations range from 6 LVDS to 12 CMOS outputs,
including combinations of LVDS and CMOS outputs. Two
control lines are used to determine whether fixed blocks of
outputs are LVDS or CMOS outputs.
The clock input accepts various types of single-ended and
differential logic levels including LVPECL, LVDS, HSTL, CML,
and CMOS.
Table 8 provides interface options for each type of connection.
The SLEEP pin enables a sleep mode to power down the device.
This device is available in a 24-pin LFCSP package. It is specified
for operation over the standard industrial temperature range of
−40°C to +85°C.


Số phần tương tự - ADCLK846BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADCLK846BCPZ AD-ADCLK846BCPZ Datasheet
524Kb / 16P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
REV. A
ADCLK846BCPZ-REEL7 AD-ADCLK846BCPZ-REEL7 Datasheet
524Kb / 16P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
REV. A
More results

Mô tả tương tự - ADCLK846BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Analog Devices
ADCLK846 AD-ADCLK846 Datasheet
524Kb / 16P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
REV. A
ADCLK854 AD-ADCLK854 Datasheet
548Kb / 16P
1.8 V, 12-LVDS/24-CMOS Output, Low Power Clock Fanout Buffer
REV. 0
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Integrated Device Techn...
8SLVD1212 IDT-8SLVD1212_16 Datasheet
555Kb / 21P
1:12, LVDS Output Fanout Buffer
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
8SLVD1212 IDT-8SLVD1212_17 Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
logo
Diodes Incorporated
PI6C5921512 DIODES-PI6C5921512 Datasheet
1Mb / 14P
12 Output LVDS Fanout Buffer
Rev 1-2
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com