| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431CLPR bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431CLPR bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 82 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2018 Addendum-Page 9 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431CLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 TL431C TL431CLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 TL431C TL431CLPM ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 TL431C TL431CLPME3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 TL431C TL431CLPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 TL431C TL431CLPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 TL431C TL431CP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type 0 to 70 TL431CP TL431CPE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type 0 to 70 TL431CP TL431CPK ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 70 43 TL431CPKE6 ACTIVE SOT-89 PK 3 1000 Pb-Free (RoHS) CU SNBI Level-1-260C-UNLIM 0 to 70 43 TL431CPKG3 ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 70 43 TL431CPSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431CPSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431CPWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T431 TL431ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I TL431IDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 85 (T3IG, T3IS) TL431IDBVRE4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 T3IG TL431IDBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 T3IG |