công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FUSB307BMPX bảng dữ liệu(PDF) 45 Page - ON Semiconductor

tên linh kiện FUSB307BMPX
Giải thích chi tiết về linh kiện  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX bảng dữ liệu(HTML) 45 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 41Page - ON Semiconductor FUSB307BMPX Datasheet HTML 42Page - ON Semiconductor FUSB307BMPX Datasheet HTML 43Page - ON Semiconductor FUSB307BMPX Datasheet HTML 44Page - ON Semiconductor FUSB307BMPX Datasheet HTML 45Page - ON Semiconductor FUSB307BMPX Datasheet HTML 46Page - ON Semiconductor FUSB307BMPX Datasheet HTML 47Page - ON Semiconductor FUSB307BMPX Datasheet HTML 48Page - ON Semiconductor FUSB307BMPX Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
www.onsemi.com
45
Table 47. DEVCAP1H (continued)
Address: 25h
Reset Value: 0x1E
Type: Read
Bit #
Device Capabilities 1 H Description
Size (Bits)
R/W/C
Name
2
VBUS_MEAS_ALRM
R
1
0b: No VBUS voltage measurement or VBUS Alarms
1b: VBUS voltage measurement and VBUS Alarms
Support for VBUS_VOLTAGE_L, VALARMHCFGL and
VALARMLCFGL implemented
1:0
RP_SUPPORT
R
2
Source Power Supported:
00b: Rp default only
01b: Rp 1.5 A and default
10b: Rp 3.0A, 1.5 A and default
11b: Reserved
Table 48. DEVCAP2L
Address: 26h
Reset Value: 0xD7
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 2 L Description
7
SNK_DISC_DETECT
R
1
0b: VBUS_SNK_DISCL not implemented
1b: VBUS_SNK_DISCL implemented
6
STOP_DSICH
R
1
0b: VBUS_STOP_DISCL not implemented
1b: VBUS_STOP_DISCL implemented
5:4
VBUS_ALRM_LSB
R
2
VBUS Voltage Alarm LSB Support
01b: Voltage Alarm Supports 50 mV LSB
Bit 0 of VALARMHCFGL and VALARMLCFGL are ignored
3:1
VCONN_POWER_CAP
R
3
VCONN Power Supported
000b: 1.0 W
001b: 1.5 W
010b: 2.0 W
011b: 3 W (at VCONN = 5.5 V)
100b: 4 W
101b: W
110b: 6 W
111b: External
0
VCONN_FAULT_CAP
R
1
VCONN OCP Fault Capable
110b: FUSB307B is not capable of detecting a VCONN fault
1b: FUSB307B is capable of detecting a VCONN fault
Table 49. DEVCAP2H
Address: 27h
Reset Value: 0x01
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 2 H Description
7:1
Reserved
R
7
Reserved: 000_0000b
0
Watchdog Timer
R
1
1b: Watchdog Timer Implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com