| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FUSB307B bảng dữ liệu(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB307B bảng dữ liệu(HTML) 14 Page - ON Semiconductor |
|
14 / 57 page ![]() FUSB307B www.onsemi.com 14 Figure 13. Transition to vSafe5V on Power Up Accepted High Voltage Policy Engine requests for VBUS transition to high voltage Read ALERT ALERT.I_VALARM_HI = 1b? Enable Monitoring of VBUS SRC = High Monitor VALARMHCFG Service other ALERTS No FUSB307B TCPM Read ALERT Sourcing vSafe5V PWRSTAT.SOURCE_VBUS = 1b PWRSTAT.SOURCE_HV = 0b (if 307/8) SRC = High Yes Enable Monitoring of VBUS Write: PWRCTRL.AUTO_DISCH = 0b PWRCTRL.DIS_VALARM = 0b VALARMHCFG = vNewSrc (Min) Set ALERTL.I_VBUS_ALARM_HI Transition HV Source Enable external source path or transition existing Source to HV VALARMH Trip? Y No Notify Policy Engine that voltage transition is complete Setup FUSB305 for HV Sourcing Write: VALARML/HCFG PWRCTRL.AUTO_DISCH = 1b Sourcing HV via SRC Transition to HV using SRC enabled Path NOTE: Transitioning from HV on SRC to vSafe5v also on SRC can be done by using Voltage Alarm Low. Power supply is responsible for transitioning voltages to meet USB PD spec− no discharge necessary. |