công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G14DBVT bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC2G14DBVT
Giải thích chi tiết về linh kiện  Dual Schmitt-Trigger Inverter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G14DBVT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G14DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC2G14DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
~2.2M

16 pF
~32 pF
~32pF
50 pF
SN74LVC2G14
(one channel)
SN74LVC2G14
www.ti.com
SCES200O – APRIL 1999 – REVISED AUGUST 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC2G14 device is a high-drive CMOS device that can be used for a multitude of buffer type functions
where the input is slow or noisy. The device can produce 24 mA of drive current at 3.3 V, making it Ideal for
driving multiple outputs and good for high-speed applications up to 100 MHz. The inputs are 5.5-V tolerant
allowing it to translate down to VCC.
9.2 Typical Application
Figure 4. Typical Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs. See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC .
2. Recommend Output Conditions
–
Load currents should not exceed (IO max) per output and should not exceed (continuous current through
VCC or GND) total current for the part. These limits are located in the Absolute Maximum Ratings table.
–
Outputs should not be pulled above VCC.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com