công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G14DBVR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC2G14DBVR
Giải thích chi tiết về linh kiện  Dual Schmitt-Trigger Inverter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G14DBVR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74LVC2G14DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN74LVC2G14
SCES200O – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................... 8
1
Features .................................................................. 1
8.2
Functional Block Diagram ......................................... 8
2
Applications ........................................................... 1
8.3
Feature Description................................................... 8
3
Description ............................................................. 1
8.4
Device Functional Modes.......................................... 8
4
Revision History..................................................... 2
9
Application and Implementation .......................... 9
5
Pin Configuration and Functions ......................... 3
9.1
Application Information.............................................. 9
6
Specifications......................................................... 4
9.2
Typical Application ................................................... 9
6.1
Absolute Maximum Ratings ..................................... 4
10
Power Supply Recommendations ..................... 10
6.2
ESD Ratings ............................................................ 4
11
Layout................................................................... 10
6.3
Recommended Operating Conditions ...................... 4
11.1
Layout Guidelines ................................................. 10
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 11
6.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 12
6.6
Switching Characteristics, –40°C to 85°C ................ 6
12.1
Community Resources.......................................... 12
6.7
Switching Characteristics, –40°C to 125°C............... 6
12.2
Trademarks ........................................................... 12
6.8
Operating Characteristics.......................................... 6
12.3
Electrostatic Discharge Caution ............................ 12
6.9
Typical Characteristics .............................................. 6
12.4
Glossary ................................................................ 12
7
Parameter Measurement Information .................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 8
Information ........................................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (June 2015) to Revision O
Page
•
Added TJ junction temperature spec to Abs Max Ratings...................................................................................................... 4
Changes from Revision M (November 2013) to Revision N
Page
•
Added Applications, Device Information table, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com