| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF34-Q1 bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF34-Q1 bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 27-Sep-2018 Addendum-Page 2 (4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device. (5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation of the previous line and the two combined represent the entire Device Marking for that device. (6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish value exceeds the maximum column width. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis. OTHER QUALIFIED VERSIONS OF REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1 : • Catalog: REF3425, REF3430, REF3433, REF3440, REF3450 NOTE: Qualified Version Definitions: • Catalog - TI's standard catalog product |