công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS853S031I bảng dữ liệu(PDF) 13 Page - Integrated Device Technology

tên linh kiện ICS853S031I
Giải thích chi tiết về linh kiện  LVPECL/ECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S031I bảng dữ liệu(HTML) 13 Page - Integrated Device Technology

Back Button ICS853S031I Datasheet HTML 9Page - Integrated Device Technology ICS853S031I Datasheet HTML 10Page - Integrated Device Technology ICS853S031I Datasheet HTML 11Page - Integrated Device Technology ICS853S031I Datasheet HTML 12Page - Integrated Device Technology ICS853S031I Datasheet HTML 13Page - Integrated Device Technology ICS853S031I Datasheet HTML 14Page - Integrated Device Technology ICS853S031I Datasheet HTML 15Page - Integrated Device Technology ICS853S031I Datasheet HTML 16Page - Integrated Device Technology ICS853S031I Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ICS853S031I Data Sheet
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S031BYI REVISION A AUGUST 17, 2011
13
©2011 Integrated Device Technology, Inc.
Termination for 2.5V LVPECL Outputs
Figure 6A and Figure 6B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50Ω
to VCCO – 2V. For VCCO = 2.5V, the VCCO – 2V is very close to ground
level. The R3 in Figure 6B can be eliminated and the termination is
shown in Figure 6C.
Figure 6A. 2.5V LVPECL Driver Termination Example
Figure 6C. 2.5V LVPECL Driver Termination Example
Figure 6B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
2.5V
50Ω
50Ω
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50Ω
50Ω
R1
50
R2
50
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50Ω
50Ω
R1
50
R2
50
R3
18
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com