công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS8545BGLFT bảng dữ liệu(PDF) 9 Page - Integrated Device Technology

tên linh kiện ICS8545BGLFT
Giải thích chi tiết về linh kiện  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8545BGLFT bảng dữ liệu(HTML) 9 Page - Integrated Device Technology

Back Button ICS8545BGLFT Datasheet HTML 5Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 6Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 7Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 8Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 9Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 10Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 11Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 12Page - Integrated Device Technology ICS8545BGLFT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
2016© Integrated Device Technology, Inc.
Revision E, January 5, 2016
8545 Datasheet
Parameter Measurement Information, continued
Output Short Circuit Current Setup
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
CLK Inputs
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the CLK input to ground.
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k resistor can be used.
Outputs:
LVDS Outputs
All unused LVDS output pairs can be either left floating or terminated
with 100 across. If they are left floating, there should be no trace
attached.
out
LVDS
DC Input
➤
IOS
➤
IOSB
VDD
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15