công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSHCAL101B bảng dữ liệu(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

tên linh kiện HSHCAL101B
Giải thích chi tiết về linh kiện  Digtal Humidity Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPS [ALPS ELECTRIC CO.,LTD.]
Trang chủ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAL101B bảng dữ liệu(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAL101B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
(Page 2/ )
4-1.
電気的仕様
電気的仕様
電気的仕様
電気的仕様
Electrical specifications
Table 1.
電気的仕様
Electrical specifications
使用条件
使用条件
使用条件
使用条件
Operating conditions (Vdd=1.8V , 25degC)
相対湿度出力
相対湿度出力
相対湿度出力
相対湿度出力
Relative Humidity
温度出力
温度出力
温度出力
温度出力
Temperature
*Typical
センサ出力
: Typical output of sensor
Humidity output [LSB]
= 64 × Humidity[%RH] + 1280
Temperature output [LSB] = 50 × Temperature[degC] + 2096
*
スレーブアドレス
Slave Address
スレーブアドレスは
"0011000" (18h)
で設定
I2C slave address (SADR) is defined as "0011000"(18h).
T=25,50degC
To
温度検出
傾き
Temperature Gain
Tgain
[LSB/degC]
47
50
53
25degC
0
出力誤差
Offset tolerance
Hoff
[%RH]
-5
0
57.6
[LSB/%RH]
[LSB]
Humidity output at 60%RH
[LSB]
4800
3520
[LSB]
3321
Hgain
湿度検出
傾き
Humidity Gain
温度検出
出力
Temperature output
4160
Vdd=5V , T=25degC
消費電流
Current consumption
A/D
変換時間
A/D change time
I
2C
通信速度
I
2C Communication rate
湿度検出出力
40%RH
-
15.0
-
idd
[µA]
-
Crat
[MHz]
-
-
Tad
[ms]
+0.5
40,60%RH
T=25degC
70.4
64
3346
3371
Vdd=5V , T=25degC
定格電源電圧
Absolute limits supply voltage
Item
Symbol
Unit.
Specification
+5.6
環境条件
環境条件
環境条件
環境条件
Environmental conditions
出力誤差
Offset tolerance
Toff
[deg C]
-0.5
200
Vlim
[V]
-0.4
-
-
Hstr
[%RH]
0
Notes
min.
Typ.
max.
保管湿度
Storage Humidity
保管温度
Storage temperature
+100
Tstr
[degC]
-25
+85
結露無きこと
No condensation
耐電圧
ESD
HBM
湿度検出領域
Humidity range
-
±2000
+100
Vh
[V]
-
+85
Hrng
[%RH]
0
-20
-
-
供給電源電圧
Suppl
y 
voltage
2.5
-
Topr
[degC]
VDD
[V]
動作温度
Operating temperature
5.5
3.4
SS, FS, FS+, HS
supported
Normal state 10Hz
-
Ho40
Humidity output at 40%RH
湿度検出出力
60%RH
Ho60
40,60%RH
T=25degC
5120
5440
Vdd=5V , T=25degC
+5
3840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com