| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
551S bảng dữ liệu(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
551S bảng dữ liệu(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() LOW SKEW 1 TO 4 CLOCK BUFFER 8 SEPTEMBER 20, 2018 551S DATASHEET Package Outline Drawings The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is the most current data available. www.idt.com/document/psc/dcg8-package-outline-drawing-0150-body-width-0050-pitch-soic www.idt.com/document/psc/cmg8-package-outline-drawing-20-x-20-x-05-mm-body-05mm-pitch-dfn Ordering Information “G” suffix to the part number denotes Pb-Free configuration, RoHS compliant. Revision History Part / Order Number Marking Shipping Packaging Package Temperature 551SDCGI see page 7 Tubes 8-pin SOIC -40 to +105 C 551SDCGI8 Tape and Reel 8-pin SOIC -40 to +105 C 551SCMGI Cut Tape 8-pin DFN -40 to +105 C 551SCMGI8 Tape and Reel 8-pin DFN -40 to +105 C Date Description of Change September 20, 2018 • Added Thermal Resistance Junction to Board to Thermal Characteristics table. • Updated Package Outline Drawings section. March 18, 2015 Initial release. |