| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P7SA-10F bảng dữ liệu(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P7SA-10F bảng dữ liệu(HTML) 6 Page - Omron Electronics LLC |
|
6 / 16 page ![]() G7SA 6 South Korea S-mark certified (Rated voltage 24VDC only) CQC Sockets CE Marking Compliance The CE compliance declaration was made in combination with the Safety Relay. Note: 1. The Safety Category refers to the maximum applicable category selected when constructing control system safety components. The category does not apply to individual components. 2. Details and other information on conformity levels are issued as part of the "EU Declaration of Conformity". Please contact your OMRON representative for more information. EN Standards, VDE Certified EN Standards, TÜV Certified UL Standards Certification (File No. E41515) Industrial Control Devices CSA standard CSA C22.2 No.14 Industrial Control Devices Models Applicable standard number Certification No. G7SA-2A2B DC24 KS C IEC 61810-1 EN 50205 G7SA-3A1B DC24 G7SA-3A3B DC24 G7SA-4A2B DC24 G7SA-5A1B DC24 Models Standard number Certification No. G7SA GB/T, 21711.1 CQC14002119869 Models EMC Directive Low Voltage Directive Machinery Directive Safety Category P7SA (Excluding -P type) Not applicable Applicable Not applicable 1 P7SA-PU Not applicable Applicable Not applicable 1 Models Ratings Standard number Certification No. P7SA --- EN61984 40007586 Models Ratings Standard number Certification No. P7SA-PU --- EN61984 R50356981 Models Standard number Category Listed/Recognized P7SA UL508 SWIV2 Recognized P7SA-PU UL508 SWIV2, SWIV8 Recognized Models Class number File No. P7SA 3211-07, 3211-87 LR35535 P7SA-PU 3211-07, 3211-87 LR35535 |