| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FST3253M bảng dữ liệu(PDF) 6 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FST3253M bảng dữ liệu(HTML) 6 Page - ON Semiconductor |
|
6 / 7 page ![]() 5 www.fairchildsemi.com Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16 Technology Description The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its 74LVX3L384 (FST3384) bus switch product. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be rea- sonably expected to result in a significant injury to the user. 2. A critical component in any component of a life support device or system whose failure to perform can be rea- sonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com |