công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7280AWBCPZ bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện ADV7280AWBCPZ
Giải thích chi tiết về linh kiện  10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7280AWBCPZ bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button ADV7280AWBCPZ Datasheet HTML 17Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 18Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 19Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 20Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 21Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 22Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 23Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 24Page - Analog Devices ADV7280AWBCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADV7280A
A | Page 21 of 26
REGISTER MAPS
The ADV7280A contains two register maps: the main map, the
video postprocessor (VPP) map, and the CSI map.
The main register map contains three sub maps: the user sub map,
the interrupt/VDP sub map, and User Sub Map 2 (see Figure 14).
For more information about the ADV7280A registers, see the
ADV7280A/ADV7281A/ADV7282A Device Manual.
Main Map
The I2C slave address of the main map of the ADV7280A is set
by the ALSB pin (see Table 16). The main map allows the user
to program the I2C slave addresses of the VPP and CSI maps. The
three sub maps are accessed by writing to the SUB_USR_EN[1:0]
bits (Address 0x0E, Bits[6:5]) within the user sub map (see
Figure 14 and Table 17).
User Sub Map
The user sub map contains registers that program the AFE and
digital core of the ADV7280A. The user sub map has the same
I2C slave address as the main map. To access the user sub map,
set the SUB_USR_EN[1:0] bits in the user sub map (Address 0x0E,
Bits[6:5]) to 00.
Interrupt/VDP Sub Map
The interrupt/VDP sub map contains registers that program
internal interrupts, control the INTRQ pin, and decode VBI data.
The interrupt/VDP sub map has the same I2C slave address as
the main map. To access the interrupt/VDP sub map, set the
SUB_USR_EN[1:0] bits in the user sub map (Address 0x0E,
Bits[6:5]) to 01.
User Sub Map 2
User Sub Map 2 contains registers that control the ACE,
downdither, and fast lock functions. It also contains controls that
set the acceptable input luma and chroma limits before the
ADV7280A enters free run and color kill modes.
User Sub Map 2 has the same I2C slave address as the main map.
To access User Sub Map 2, set the SUB_USR_EN[1:0] bits in the
user sub map (Address 0x0E, Bits[6:5]) to 10.
VPP MAP
DEVICE ADDRESS
WRITE: 0x84
READ: 0x85
(RECOMMENDED
SETTINGS)
VPP MAP DEVICE ADDRESS IS
PROGRAMMABLE AND SET BY
REGISTER 0xFD IN THE USER
SUB MAP
CSI MAP
DEVICE ADDRESS
(RECOMMENDED
SETTINGS)
WRITE: 0x88
READ: 0x89
CSI MAP ADDRESS IS
PROGRAMMABLE AND SET BY
REGISTER 0xFE IN THE USER
SUB MAP
MAIN MAP
DEVICE ADDRESS
ALSB PIN HIGH
WRITE: 0x42
READ: 0x43
ALSB PIN LOW
WRITE: 0x40
READ: 0x41
0x0E[6:5] = 00
USER
SUB MAP
0x0E[6:5] = 01
INTERRUPT/VDP
SUB MAP
0x0E[6:5] = 10
USER SUB
MAP 2
Figure 14. Register Map and Sub Map Access
Table 17. I2C Register Map and Sub Map Addresses
ALSB Pin
R/W Bit
Slave Address
SUB_USR_EN[1:0] Bits (Address 0x0E, Bits[6:5])
Register Map or Sub Map
0
0 (write)
0x40
00
User sub map
0
1 (read)
0x41
00
User sub map
0
0 (write)
0x40
01
Interrupt/VDP sub map
0
1 (read)
0x41
01
Interrupt/VDP sub map
0
0 (write)
0x40
10
User Sub Map 2
0
1 (read)
0x41
10
User Sub Map 2
1
0 (write)
0x42
00
User sub map
1
1 (read)
0x43
00
User sub map
1
0 (write)
0x42
01
Interrupt/VDP sub map
1
1 (read)
0x43
01
Interrupt/VDP sub map
1
0 (write)
0x42
10
User Sub Map 2
1
1 (read)
0x43
10
User Sub Map 2
X1
0 (write)
0x84
XX1
VPP map
X1
1 (read)
0x85
XX1
VPP map
X1
0 (write)
0x88
XX1
CSI map (ADV7280A-M only)
X1
1 (read)
0x89
XX1
CSI map (ADV7280A-M only)
1
X and XX mean don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com